Part Number Hot Search : 
BAS70XY EA09408 ASZ1015 IP102 SFH4391 2SA1215 74476402 U60DN
Product Description
Full Text Search
 

To Download C6086-54 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 X-Ray CCD Camera
DATA SHEET
C6086 Series
The C6086 series is a compact, lightweight, high resolution X-ray CCD camera. It consists of an Xray sensitive scintillator (P43) coated on a tapered fiberoptic bundle direct coupled to a CCD camera. The C6086-90 camera controller incorporates a 10-bit A/D converter for precise image acquisition and is also capable of a number of realtime image processing functions such as averaging, background subtraction and edge enhancement.
FEATURES
* High Spatial Resolution 25 m (C6086-03, 04) 30 m (C6086-53, 54) 43 m (C6086-13, 14) 62 m (C6086-23, 24) * Effective X-ray tube voltage range 10 to 100 kVp * 10-bit A/D converter * Contrast Enhancement * Real Time Image Processing
v Dedicated Control Box A6649 is Optional.
SPECIFICATIONS
* Camera head
Type. number Material of X-ray scintillator Effective X-ray tube voltage range (kVp) Spatial resolution (m) Effective field of view (mm2) Fiber type Imaging device Video system Video output Power requirements / comsumption 8.8 x 6.5 C6086-03 C6086-04 C6086-13 C6086-14 C6086-23 C6086-24 C6086-53 C6086-54 P43 (GdO2S:Tb)( Window material : Aluminum ) 10 to 100 43 62 30 19.9 x 14.9 19.5 x 14.6 32.4 x 24.2 31.6 x 23.8 12.7 x 9.5 2.27:1 tapered fiber 3.69:1 tapered fiber Interline-type CCD EIA CCIR EIA 1.0Vp-p 75 terminated DC +12 V (12P) / 1.6 W CCIR 12.4 x 9.3
25 8.6 x 6.4
Straight fiber EIA CCIR
1.45:1 tapered fiber EIA CCIR
* Camera Controller C6086-90
A/D converter Frame memory Digital interface Image processing functions Operating / Storage temperature Operating / Storage humidity Line voltage / Power consumption 10-bit 16-bit memory x 2 planes SCSI2(optional) Gain/Offset, On-chip integration, Image accumulation, Recursive average, Zoom, Background subtraction, Edge enhancement mask (selectable) 0C to 40 C / -10 C to 40 C
Less than 70% (no condensation)
AC 100V, 117V, 220V, 240V
10% 50/60Hz / Approx. 60VA
DIMENSIONAL OUTLINE (UNIT:mm)
* Camera head
C6086-03,04 (Weight : Approx. 0.4 kg)
86.51 290.3 1.50.2
scintillator
* Control Box A6649
C6086-13,14 (Weight : Approx. 0.6 kg)
1151 57.50.3 20.2 scintillator
1801
581
2
600.3
380.5
380.5
700.3
4-M3 D=3 PCD 400.2
350.2 48.50.5
4-M3 D=3 PCD 600.2 4-M4 D=10 350.2 250.2
350.2 770.5 4-M4 D=10
(Weight : Approx. 0.9 kg)
350.2 250.2
* Camera Controller
C6086-90 (Weight : Approx. 5.0 kg)
250.2 1/4-20UNC D=10
X-RAY CCD CAMERA CONTROLLER
250.2
1/4-20UNC D=10
ANALOG DIGITAL POWER
C6086
LIVE
INTEG
RECUR
PAUSE
C6086-23,24 (Weight : Approx. 0.7 kg)
20.2 1251 67.50.3 scintillator
C6086-53,54 (Weight : Approx. 0.5 kg)
1.50.2 94.5 1 370.3 Scintillater
88 88 888
GAIN OFFSET
SET CCD INTEG ZOOM
MASK BG
NORM
SET UP
REMOTE
380.5 700.3
38 0.5
600.3
3331
350.2 56.5 0.5 4-M4D=10
4-M3 D=3 PCD 600.2
350.2 870.5 4-M4 D=10
4-M3D=3 PCD400.2
350.2 250.2
350.2 250.2
250.2
1/4-20UNC D=10
250.2
1/4-20UNCD=10
5 Product and software package names noted in this documentation are trademarks or registered trademarks of their respective manufacturers.
q q
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office. . Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications and external appearance are subject to change without notice. .
(c) 2001Hamamatsu Photonics K.K.
Homepage Address http://www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Systems Division 812 Joko-cho, Hamamatsu City, 431-3196, Japan, Telephone: (81)53-431-0124, Fax: (81)53-435-1574, E-mail:export@sys.hpk.co.jp
U.S.A. and Canada: Hamamatsu Photonic Systems: 360 Foothill Road, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1)908-231-1116, Fax: (1)908-231-0852, E-mail: usa@hamamatsu.com Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658, E-mail: info@hamamatsu.de , France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10, E-mail: infos@hamamatsu.fr United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire, AL7 1BW, U.K., Telephone: (44) 1707-294888, Fax: (44) 1707-325777, E-mail: info@hamamatsu.co.uk North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171-41 Solna, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01, E-mail: info@hamamatsu.se Cat. No. SICS1042E07 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Mois, 1/E 20020 Arese (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741, E-mail: info@hamamatsu.it
SEP/2001 HPK Created in Japan (PDF)
71
ISO 9001 Certificate: 09 105 79045
2621
741
CONTRAST ENHANCEMENT
MEMORY CONTROL
VIDEO LEVEL OVER
SHADING
1681


▲Up To Search▲   

 
Price & Availability of C6086-54

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X